Part Number Hot Search : 
IRF370 MBR1645 31112 C4060 2500V 1N80C 1N552 2KBP10M
Product Description
Full Text Search
 

To Download US1ME-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  us1a e thru us1m e 1 amp ultra fast rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -50 c to +150 c ? storage temperature: -50 c to +150 c ? maximum thermal resistance; 30 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage us1a e us1a 50v 35v 50v us1b e us1 b 1 00 v 70v 100v us1d e us1d 200v 140v 200v us1g e us1g 400v 280v 400v us1j e us1j 600v 420v 600v us1k e us1k 800v 560v 800v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t l = 110 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v 1.4v 1.7v i fm = 1.0a; t j = 25 c typical junction capacitance c j 20pf 17pf measured at 1.0mhz, v r =4.0v maximum dc reverse current at rated dc blocking voltage i r 10ua 100ua t a = 25 c t a = 100 c maximum reverse recovery time t rr i f =0.5a, i r =1.0a, i rr =0.25a                       75ns                                                                                                               us1 m e us1m 1000v 70 0v 10 00v us1 c e us1c 150 v 105 v 15 0v  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components ? ultra fast switching for high efficiency ? for surface mounted applications ? low forward voltage drop and high current capability ? low reverse leakage current www. mccsemi .com 1 of 4 (smae) 0.070 0.090 0.085 suggested solder pad lay ou t h j e g a b d c cathode band dimensions inches mm dim min max min max note a .079 .096 2.01 2.44 b .050 .075 1.27 1.90 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 g .189 .208 4.80 5.30 h .157 .180 4.00 4.57 j .090 .115 2.29 2.92 us1ae-1de us1ge us1je-1me 50ns us1ae-1ge us1je-1me us1ae-1ge us1je-1me ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 revision: c 2014/01/14 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
us1a e thru us1 m e ag ad rtiid nt versus eeerure ure rrerurve eseve essveruve s seusrrurreeres versus seusrres ure rrrerss s s ure ue ue versus eversees s e s1 e 1 e s1 e s1 e 1 m e m mi ia nnt i riin 111
us1a e thru us1 m e t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1  50  10  oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 6 reverse recovery time characteristic and test circuit diagram 1 100 4 0 5 10 15 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 mcc tm micro commercial components .01 1 10 10 20 40 100 200 60 figure 5 peak forward surge current peak forward surge current - amperes versus pulse duration - milliseconds (ms) amps ms .02 .06 .1 .2 .6 2 6 400 600 1000 www. mccsemi .com 3 of 4 revision: c 2014/01/14
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: c 2014/01/14 3 device packing part number-tp tape&reel: 6kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of US1ME-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X